| データシートサーチシステム |
|
M5CAARCH-RM/D データシート(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
M5CAARCH-RM/D データシート(HTML) 63 Page - NXP Semiconductors |
|
63 / 114 page ![]() Signals Grouped by Pin Number 63 03 R8 TWE3X R16 GND R24 MD44 T 1-27 T1 TPAR0 T9 GND T17 GND T25 MD36 T2 TPAR1 T10 VDD T18 VDD T26 MD35 T3 TPAR2 T11 GND T19 GND T27 MD34 T4 GND T12 VDD T20 MD40 T5 TPAR3 T13 GND T21 MD39 T6 TCE0X T14 VDD T22 MD38 T7 TCE1X T15 GND T23 MD37 T8 TCE2X T16 VDD T24 GND U 1-27 U1 TCE3X U9 VDDT U17 VDD U25 MD28 U2 TA0 U10 GND U18 GND U26 MD27 U3 TA1 U11 VDD U19 VDD33 U27 MD26 U4 TA2 U12 GND U20 MD33 U5 TA3 U13 VDD U21 MD32 U6 TA4 U14 GND U22 MD31 U7 TA5 U15 VDD U23 MD30 U8 TA6 U16 GND U24 MD29 V 1-27 V1 TA7 V9 GND V17 GND V25 MD21 V2 GND V10 VDD V18 VDD V26 GND V3 TA8 V11 GND V19 GND V27 MD20 V4 TA9 V12 VDD V20 MD25 V5 TA10 V13 GND V21 MD24 V6 VDDT V14 VDD V22 VDD33 V7 TA11 V15 GND V23 MD23 V8 TA12 V16 VDD V24 MD22 Table 28 Signals Listed by Pin Number (continued) PIN FUNCTION PIN FUNCTION PIN FUNCTION PIN FUNCTION Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |