データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M5CAARCH-RM/D データシート(PDF) 20 Page - NXP Semiconductors

部品番号 M5CAARCH-RM/D
部品情報  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D データシート(HTML) 20 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 16Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 17Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 18Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 19Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 20Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 21Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 22Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 23Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
20
CHAPTER 1: FUNCTIONAL DESCRIPTION
C
• Embedded RISC Executive Processor
• Integrated 32bit 33/66MHz PCI bus interface
Block Diagram
The C-5eTM NP, has an architecture specifically designed for networking applications. The
following sections describe each component of the C-5e NP.
The main components of the C-5e NP are:
• Channel Processors
• Executive Processor
• Fabric Processor
• Buffer Management Unit
• Table Lookup Unit
• Queue Management Unit
The C-5e NP conforms with both SONET and SDH. Therefore, OC-3(STS-3/STM-1), OC-12
(STS-12/STM-4, and OC48 (STS-48/STM-16).
Figure 1 shows a block diagram of the C-5e NP, including its potential external interfaces.
For more information about the architecture of the C-5e NP, see the C-5e/C-3e Network
Processor Architecture Guide (part number C5EC3EARCH-RM/D).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More