データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M5CAARCH-RM/D データシート(PDF) 107 Page - NXP Semiconductors

部品番号 M5CAARCH-RM/D
部品情報  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D データシート(HTML) 107 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 103Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 104Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 105Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 114 page
background image
Reflow
107
03
Reflow
Typical Reflow Profile for the C-5e Switch Module comprises:
1 Follow the guidelines recommended by your solder paste supplier.
Flux requirements must be met for best solderability.
2 The temperature profile should be carefully characterized to ensure uniform
temperature across the board and package.
Solder ball voiding may be affected by ramp rates and dwell times below and above
liquids.
3 A nitrogen atmosphere is not required, but will make the process more robust. It can
make a difference for marginally solderable PC board pads.
4 Full convection forced air furnaces work best, but IR, Convection/IR, or vapor phase can
be used.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More