| データシートサーチシステム |
|
74LVC2245APW データシート(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2245APW データシート(HTML) 7 Page - NXP Semiconductors |
|
7 / 17 page ![]() 2003 Nov 17 7 Philips Semiconductors Product specification Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state 74LVC2245A DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground=0V). SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT OTHER VCC (V) Tamb = −40 to +85 °C VIH HIGH-level input voltage 1.2 VCC −− V 2.7 to 3.6 2.0 −− V VIL LOW-level input voltage 1.2 −− 0V 2.7 to 3.6 −− 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −100 µA 2.7 to 3.6 VCC − 0.2 VCC − V IO = −6 mA 2.7 VCC − 0.5 −− V IO = −12 mA 3.0 VCC − 0.8 −− V VOL LOW-level output voltage VI =VIH or VIL IO = 100 µA 2.7 to 3.6 − 0 0.2 V IO =6mA 2.7 −− 0.4 V IO =12mA 3.0 −− 0.55 V ILI input leakage current VI = 5.5 V or GND 3.6 −±0.1 ±5 µA IOZ 3-state output OFF-state current VI =VIH or VIL; VO = 5.5 V or GND 3.6 −±0.1 ±5 µA Ioff power off leakage supply VI or VO = 5.5 V 0.0 −±0.1 ±10 µA ICC quiescent supply current VI =VCC or GND; IO =0 3.6 − 0.1 10 µA ∆I CC additional quiescent supply current per pin VI =VCC − 0.6 V; IO =0 2.7 to 3.6 − 5 500 µA |