データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2245APWDH データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LVC2245APWDH
部品情報  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245APWDH データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2245APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 9Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 10Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 11Page - NXP Semiconductors 74LVC2245APWDH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2003 Nov 17
8
Philips Semiconductors
Product specification
Octal transceiver with direction pin, 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC2245A
Note
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
0V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.3
−−
V
IO = −6 mA
2.7
VCC − 0.65
−−
V
IO = −12 mA
3.0
VCC − 1
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
−−
0.3
V
IO =6mA
2.7
−−
0.6
V
IO =12mA
3.0
−−
0.8
V
ILI
input leakage current
VI = 5.5 V or GND
3.6
−−
±20
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
−−
±20
µA
Ioff
power off leakage supply
VI or VO = 5.5 V
0.0
−−
±20
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
−−
40
µA
∆I
CC
additional quiescent supply
current per pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−−
5000
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17