| データシートサーチシステム |
|
CSC10B データシート(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CSC10B データシート(HTML) 2 Page - Vishay Siliconix |
|
2 / 4 page ![]() www.vishay.com 33 CSC Vishay Dale Document Number: 31509 Revision 02-Aug-02 For Technical Questions, contact: ff2aresistors@vishay.com DIMENSIONS in inches [millimeters] 1 2 3 n-1 n 1 2 3 4 n-1 n 1 2 3 n-1 n C Max. B A Max. 0.018 ± 0.003 [0.457 ± 0.076] 0.100 ± 0.010 [2.54 ± 0.254] Non-Accumulative 0.050 [1.27] Max. 0.032 [0.813] 0.012 ± 0.003 [0.305 ± 0.076] (Leads are Along Centerline of Body) 0.098 [2.49] Max. 0.045 [1.14] 0.130 ± 0.010 [3.30 ± 0.254] * "B" Profile only. 01 Schematic 03 Schematic 05 Schematic Pin #1 Thick Film Resistor Networks, Single-In-Line, Coated SIP Marking Resistance Permanency testing per MIL-STD- to Solvents: 202, Method 215. Solderability: Per MIL-STD-202, Method 208E, RMA flux. Body: High alumina, epoxy coated. Terminals: Copper alloy, solder plated. Standard E-24 resistance values stocked. Consult factory. Many dual terminator resistance values stocked. Consult factory STOCKED RESISTANCE VALUES IN OHMS (“G” TOLERANCE) R1 R2 MECHANICAL SPECIFICATIONS MODEL CSC04 CSC06 CSC08 CSC10 CSC12* MODEL CSC04 CSC05 CSC06 CSC07 CSC08 CSC09 CSC10 CSC11* CSC12* MODEL CSC04 CSC05 CSC06 CSC07 CSC08 CSC09 CSC10 CSC11* CSC12* NUMBER OF RESISTORS 2 3 4 5 6 NUMBER OF RESISTORS 3 4 5 6 7 8 9 10 11 NUMBER OF RESISTORS 4 6 8 10 12 14 16 18 20 A (Maximum) 0.390 [9.90] 0.490 [12.45] 0.590 [14.99] 0.690 [17.53] 0.790 [20.07] 0.890 [22.61] 0.990 [25.15] 1.09 [27.69] 1.19 [30.23] A (Maximum) 0.390 [9.90] 0.590 [14.99] 0.790 [20.07] 0.990 [25.15] 1.19 [30.23] A (Maximum) 0.390 [9.90] 0.490 [12.45] 0.590 [14.99] 0.690 [17.53] 0.790 [20.07] 0.890 [22.61] 0.990 [25.15] 1.09 [27.69] 1.19 [30.23] B 0.300 [7.62] 0.400 [10.16] 0.500 [12.70] 0.600 [15.24] 0.700 [17.78] 0.800 [20.32] 0.900 [22.86] 1.00 [25.40] 1.100 [27.94] B 0.300 [7.62] 0.500 [12.70] 0.700 [17.78] 0.900 [22.86] 1.100 [27.94] B 0.300 [7.62] 0.400 [10.16] 0.500 [12.70] 0.600 [15.24] 0.700 [17.78] 0.800 [20.32] 0.900 [22.86] 1.00 [25.40] 1.100 [27.94] "A" Profile = 0.195 [4.95] "B" Profile = 0.250 [6.35] C (Maximum) C (Maximum) C (Maximum) "A" Profile = 0.195 [4.95] "B" Profile = 0.250 [6.35] "A" Profile = 0.195 [4.95] "B" Profile = 0.250 [6.35] |