| データシートサーチシステム |
|
74LVC2245ABQ データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2245ABQ データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 17 page ![]() 2003 Nov 17 11 Philips Semiconductors Product specification Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state 74LVC2245A handbook, full pagewidth VEXT VCC VI VO MNA616 D.U.T. CL RT RL RL PULSE GENERATOR Fig.7 Load circuitry for switching times. Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. Note 1. The circuit performs better when RL = 1000 Ω VCC VI CL RL VEXT tPLH/tPHL tPZH/tPHZ tPZL/tPLZ 1.2 V VCC 50 pF 500 Ω(1) open GND 2 × VCC 2.7 V 2.7 V 50 pF 500 Ω open GND 2 × VCC 3.0 to 3.6 V 2.7 V 50 pF 500 Ω open GND 2 × VCC |