| データシートサーチシステム |
|
UPD301A/KYX データシート(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD301A/KYX データシート(HTML) 38 Page - Microchip Technology |
|
38 / 40 page ![]() UPD301A DS00002838B-page 38 2018-2019 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: UPD301A Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial/Automotive Grade 3) Package: KYX = 40-pin VQFN Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive grade 3 product. Examples: a) UPD301A/KYX Standard packaging, 0 C to +70C, 40-pin VQFN package b) UPD301AT/KYX Tape and Reel, 0 C to +70C, 40-pin VQFN package c) UPD301A-I/KYX Standard packaging, -40 C to +85C, 40-pin VQFN package d) UPD301A-I/KYX Tape and Reel, -40 C to +85C, 40-pin VQFN package e) UPD301A-I/KYXVAO Standard packaging, -40 C to +85C, 40-pin VQFN package, Automotive Grade 3 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. [X] /XX Package Temp. Device [X]( 1) Tape & Reel Option Range [XXX] Automotive Code |