| データシートサーチシステム |
|
HLMP-C617-R0001 データシート(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-C617-R0001 データシート(HTML) 5 Page - Agilent(Hewlett-Packard) |
|
5 / 10 page ![]() 5 Electrical Characteristics at TA = 25°C Forward Reverse Capacitance Speed of Response Voltage Breakdown C (pF) Thermal τττττs (ns) Vf (Volts) Vr (Volts) Vf = 0 Resistance Time Constant @ If = 20 mA @ Ir = 100 µA f = 1 MHz R θθθθθJ-PIN e-t/τττττs Part Number Typ. Max. Min. Typ. ( °C/W) Typ. HLMP-C115 1.8 2.2 5 30 210 30 HLMP-C117 HLMP-C123 HLMP-C215 1.9 2.6 5 11 210 90 HLMP-C223 HLMP-C315 2.1 2.6 5 15 210 90 HLMP-C323 HLMP-C415 1.9 2.6 5 4 210 280 HLMP-C423 HLMP-C515 2.2 3.0 5 18 210 260 HLMP-C523 HLMP-C615 2.2 3.0 5 18 210 260 HLMP-C623 Optical Characteristics at TA = 25°C Luminous Color, Viewing Intensity Peak Dominant Angle Luminous Iv (mcd) Wavelength Wavelength 2 θθθθθ1/2 Efficacy @ 20 mA[1] λλλλλpeak (nm) λλλλλd[2] (nm) (Degrees)[3] ηηηηηv Part Number Min. Typ. Typ. Typ. Typ. (lm/w) HLMP-C115 290 600 645 637 11 80 HLMP-C117 HLMP-C123 90 200 26 HLMP-C215 138 300 635 626 17 145 90 170 23 HLMP-C315 146 300 583 585 17 500 96 170 25 HLMP-C415 138 300 600 602 17 380 90 170 23 HLMP-C515 170 300 568 570 20 595 69 170 28 HLMP-C615 17 45 558 560 20 656 627 28 Notes: 1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned with this axis. 2. The dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the color of the device. 3. 2 θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity. |