| データシートサーチシステム |
|
74LVC573A データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC573A データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 12 page ![]() Philips Semiconductors Product specification 74LVC573A Octal D-type transparent latch with 5-volt tolerant inputs/outputs (3-State) 1998 Jul 29 4 LOGIC DIAGRAM LE Q D D0 D D1 D D2 D D3 D D4 D D5 D D6 D D7 LE LE LE LE LE LE LE LE LE LE LE LE LE LE LE LE QQ Q Q Q Q Q SA00399 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 OE LATCH 1 LATCH 2 LATCH 3 LATCH 4 LATCH 5 LATCH 6 LATCH 7 LATCH 8 FUNCTION TABLE OPERATING MODES INPUTS INTERNAL LATCHES OUTPUTS OPERATING MODES OE LE Dn INTERNAL LATCHES Q0 to Q7 Enable and read register (transparent mode) L L H H L H L H L H Latch and read register L L L L l h L H L H Latch register and disable outputs H H L L l h L H Z Z H = HIGH voltage level h = HIGH voltage level one setup time prior to the HIGH-to-LOW LE transition L = LOW voltage level l = LOW voltage level one setup time prior to the HIGH-to-LOW LE transition X = Don’t care Z = High impedance OFF-state |