| データシートサーチシステム |
|
GRM21 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GRM21 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 13 page ![]() Capacitors !Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc. • You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification. Part Number Rated Voltage (Vdc) TC Code Capacitance* Length L (mm) Width W (mm) Thickness T (mm) GRM155R71H332KA01 GRM155R71H472KA01 GRM15XR71E182KA86 GRM15XR71E222KA86 GRM155R71E682KA01 GRM155R71E103KA01 GRM15XR71C332KA86 GRM15XR71C472KA86 GRM15XR71C682KA86 GRM155R71C153KA01 GRM155R71C223KA01 GRM155R71A333KA01 GRM155R71A473KA01 GRM188R71H221KA01 GRM188R71H331KA01 GRM188R71H471KA01 GRM188R71H681KA01 GRM188R71H102KA01 GRM188R71H152KA01 GRM188R71H222KA01 GRM188R71H332KA01 GRM188R71H472KA01 GRM188R71H682KA01 GRM188R71H103KA01 GRM188R71H153KA01 GRM188R71H223KA01 GRM188R71E333KA01 GRM188R71E473KA01 GRM188R71E683KA01 GRM188R71E104KA01 GRM188R71C104KA01 GRM188R71A154KA01 GRM188R71A224KA01 GRM219R71H333KA01 GRM21BR71H473KA01 GRM21BR71H683KA01 GRM21BR71H104KA01 GRM21BR71H154KA01 GRM21BR71H224KA01 GRM21BR71E104KA01 GRM21BR71E154KA01 GRM219R71E224KC01 GRM21BR71E334KC01 GRM21BR71E474KC01 GRM219R71C474KC01 GRM219R71C684KC01 GRM21BR71C105KA01 GRM319R71H334KA01 GRM31MR71H474KA01 GRM319R71E684KC01 GRM31MR71E105KC01 GRM319R71C105KC11 GRM31MR71C155KC11 GRM31MR71C225KA35 GRM319R71A105KC01 X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) X7R (EIA) 50 50 25 25 25 25 16 16 16 16 16 10 10 50 50 50 50 50 50 50 50 50 50 50 50 50 25 25 25 25 16 10 10 50 50 50 50 50 50 25 25 25 25 25 16 16 16 50 50 25 25 16 16 16 10 3300pF ±10% 4700pF ±10% 1800pF ±10% 2200pF ±10% 6800pF ±10% 10000pF ±10% 3300pF ±10% 4700pF ±10% 6800pF ±10% 15000pF ±10% 22000pF ±10% 33000pF ±10% 47000pF ±10% 220pF ±10% 330pF ±10% 470pF ±10% 680pF ±10% 1000pF ±10% 1500pF ±10% 2200pF ±10% 3300pF ±10% 4700pF ±10% 6800pF ±10% 10000pF ±10% 15000pF ±10% 22000pF ±10% 33000pF ±10% 47000pF ±10% 68000pF ±10% 0.1 µF±10% 0.1 µF±10% 0.15 µF±10% 22000pF ±10% 33000pF ±10% 47000pF ±10% 68000pF ±10% 0.1 µF±10% 0.15 µF±10% 22000pF ±10% 0.1 µF±10% 0.15 µF±10% 22000pF ±10% 0.33 µF±10% 0.47 µF±10% 0.47 µF±10% 0.68 µF±10% 1 µF ±10% 0.33 µF±10% 0.47 µF±10% 0.68 µF±10% 1 µF ±10% 1 µF ±10% 1.5 µF ±10% 2.2 µF ±10% 1 µF ±10% 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 0.50 0.50 0.25 0.25 0.50 0.50 0.25 0.25 0.25 0.50 0.50 0.50 0.50 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.90 1.25 1.25 1.25 1.25 1.25 1.25 1.25 0.90 1.25 1.25 0.90 0.90 1.25 0.90 1.15 0.90 1.15 0.90 1.15 1.15 0.90 Continued from the preceding page. Continued on the following page. |