データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSB-R001BN データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 HSB-R001BN
部品情報  For IEEE-1394 High Performance Serial Bus Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

HSB-R001BN データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  HSB-R001BN Datasheet HTML 1Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 2Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 3Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 4Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 5Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 6Page - List of Unclassifed Manufacturers HSB-R001BN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
●  ●
HSB Series
Unit : mm
■6Pin - 6Pin Cable Assembly
CN-A style
Cable length
07 : L=0.7m
20 : L=2.0m
45 : L=4.5m
Cable style
: See Table-2
CN-A
CN-B
AA
Standard
Standard
AC
Standard
Screw lock
CC
Screw lock
Screw lock
HSB-HAA-B07
Power Wire
Inner Shield
Drain Wire
Signal Wire
DDK P/N
HSB-H□□-A□□
HSB-H□□-B□□
Jacket Diam.
φ6.1mm
φ5.5mm
Inner Shield
aluminum polyester tape
+ tinned copper
aluminum polyester tape
Straddle Signal Wire
AWG28
AWG28
Straddle Power Wire
AWG22
AWG22
Straddle Drain Wire
AWG28
AWG28
Hood Dimension "A"
9.6mm
8.4mm
Remark
1394 Standard
Slim Type
L
CN-A
CN-B
STANDARSD TYPE
25.00
10.20 MIN.
No.5
No.1
No.3
No.6
No.4
No.2
No.5
No.4
No.6
No.3
No.1
No.2
1
2
3
4
5
6
1
2
3
4
5
6
40.70
24.20
9.0
M2.0 × 0.4
SCREW LOCK TYPE
CN-A
WIRE COLOR
CN-B
Pin No.
Pin No.
1
WHITE
1
2BLACK
2
3
RED
5
4
GREEN
6
5
ORANGE
3
6BLUE
4
Shell
Shield
Shell
TABLE-2 (APPLICABLE CABLE)
TABLE-1 (WIRING STRUCTURE)
CN
-A
CN
-B
8.4
2
A
HSB



Html Pages

1 2 3 4 5 6 7