| データシートサーチシステム |
|
ADC0832CCWM データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC0832CCWM データシート(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 33 page ![]() Ordering Information Part Number Analog Input Total Package Temperature Channels Unadjusted Error Range ADC0831CCN 1 ±1 Molded (N) 0˚C to +70˚C ADC0831CCWM SO(M) 0˚C to +70˚C ADC0832CIWM 2 ±1 SO(M) −40˚C to +85˚C ADC0832CCN Molded (N) 0˚C to +70˚C ADC0832CCWM SO(M) 0˚C to +70˚C ADC0834BCN 4 ±1⁄2 Molded (N) 0˚C to +70˚C ADC0834CCN ±1 Molded (N) 0˚C to +70˚C ADC0834CCWM SO(M) 0˚C to +70˚C ADC0838BCV 8 ±1⁄2 PCC (V) 0˚C to +70˚C ADC0838CCV ±1 PCC (V) 0˚C to +70˚C ADC0838CCN Molded (N) 0˚C to +70˚C ADC0838CIWM SO(M) −40˚C to +85˚C ADC0838CCWM SO(M) 0˚C to +70˚C See NS Package Number M14B, M20B, N08E, N14A, N20A or V20A www.national.com 3 |