| データシートサーチシステム |
|
BTB12-600SW データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BTB12-600SW データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() BTA/BTB12 and T12 Series 3/7 THERMAL RESISTANCES S = Copper surface under tab PRODUCT SELECTOR BTB: non insulated TO-220AB package ORDERING INFORMATION Symbol Parameter Value Unit Rth(j-c) Junction to case (AC) D²PAK/TO-220AB 1.4 °C/W TO-220AB Insulated 2.3 Rth(j-a) Junction to ambient S = 1 cm² D²PAK 45 °C/W TO-220AB TO-220AB Insulated 60 Part Number Voltage (xxx) Sensitivity Type Package 600 V 800 V BTA/BTB12-xxxB X X 50 mA Standard TO-220AB BTA/BTB12-xxxBW X X 50 mA Snubberless TO-220AB BTA/BTB12-xxxC X X 25 mA Standard TO-220AB BTA/BTB12-xxxCW X X 35 mA Snubberless TO-220AB BTA/BTB12-xxxSW X X 10 mA Logic level TO-220AB BTA/BTB12-xxxTW X X 5 mA Logic Level TO-220AB T1235-xxxG X X 35 mA Snubberless D²PAK BT A 12 - 600 BW (RG) TRIAC SERIES INSULATION: A: insulated B: non insulated CURRENT: 12A SENSITIVITY & TYPE B: 50mA STANDARD BW: 50mA SNUBBERLESS C: 25mA STANDARD CW: 35mA SNUBBERLESS SW: 10mA LOGIC LEVEL TW: 5mA LOGIC LEVEL VOLTAGE: 600: 600V 800: 800V PACKING MODE Blank: Bulk RG: Tube T 12 35 - 600 G (-TR) TRIAC SERIES SENSITIVITY: 35: 35mA VOLTAGE: 600: 600V 800: 800V CURRENT: 12A PACKAGE: G: D PAK 2 PACKING MODE: Blank: Tube -TR: Tape & Reel |