データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

82P33913 データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 82P33913
部品情報  Synchronization System for IEEE 1588
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33913 データシート(HTML) 2 Page - Renesas Technology Corp

  82P33913 Datasheet HTML 1Page - Renesas Technology Corp 82P33913 Datasheet HTML 2Page - Renesas Technology Corp 82P33913 Datasheet HTML 3Page - Renesas Technology Corp 82P33913 Datasheet HTML 4Page - Renesas Technology Corp 82P33913 Datasheet HTML 5Page - Renesas Technology Corp 82P33913 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
©2021 Renesas Electronics Corporation
November 18, 2021
82P33913 / 82P33913-1 Datasheet
System Component Documentation
The detailed characteristics of the 82P33913-x software and hardware components are described in other documents as shown in
Table 2 and Table 3.
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see Ordering
Information for POD links). The package information is the most current data available and is subject to change without revision of this
document.
Ordering Information
Table 2. Software Documentation
Software System Component
Reference
82P33913-x IEEE 1588 Software
Please contact Renesas
Table 3. SMU Hardware Documentation
Part Number
Reference
82P33913
82P33913-1
82P33813 Datasheet
Orderable Part Number
Package
Shipping Packaging
Temperature
82P33913NLG
10 × 10 × 0.9 mm 72-VFQFPN
Tray
-40o to +85oC
82P33913NLG8
10 × 10 × 0.9 mm 72-VFQFPN
Tape & Reel, Pin 1 Orientation:
EIA-481-C
-40o to +85oC
82P33913NLG/W
10 × 10 × 0.9 mm 72-VFQFPN
Tape & Reel, Pin 1 Orientation:
EIA-481-D
-40o to +85oC
82P33913-1NLG
10 × 10 × 0.9 mm 72-VFQFPN
Tray
-40o to +85oC
82P33913-1NLG8
10 × 10 × 0.9 mm 72-VFQFPN
Tape & Reel, Pin 1 Orientation:
EIA-481-C
-40o to +85oC
82P33913-1NLG/W
10 × 10 × 0.9 mm 72-VFQFPN
Tape & Reel, Pin 1 Orientation:
EIA-481-D
-40o to +85oC



Html Pages

1 2 3 4 5 6