データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1311 データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 CS1311
部品情報  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button CS1311 Datasheet HTML 7Page - National Semiconductor (TI) CS1311 Datasheet HTML 8Page - National Semiconductor (TI) CS1311 Datasheet HTML 9Page - National Semiconductor (TI) CS1311 Datasheet HTML 10Page - National Semiconductor (TI) CS1311 Datasheet HTML 11Page - National Semiconductor (TI) CS1311 Datasheet HTML 12Page - National Semiconductor (TI) CS1311 Datasheet HTML 13Page - National Semiconductor (TI) CS1311 Datasheet HTML 14Page - National Semiconductor (TI) CS1311 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Revision 2.2
11
www.national.com
Signal Definitions (Continued)
L9
VSS
GND
L10
VSS
GND
L11
VSS
GND
L12
VSS
GND
L13
VSS
GND
L17
VCC
PWR
L18
VCC
PWR
L19
VSSQ
GND
L20
TRI_CLKIN
I
M1
PCI_AD09
I/O
M2
PCI_AD08
I/O
M3
PCI_C/BE0#
I/O
M4
VDD
PWR
M8
VSS
GND
M9
VSS
GND
M10
VSS
GND
M11
VSS
GND
M12
VSS
GND
M13
VSS
GND
M17
VDD
PWR
M18
VO_DATA3
O
M19
VO_DATA4
O
M20
VO_DATA5
O
N1
PCI_AD07
I/O
N2
PCI_AD06
I/O
N3
VDD
PWR
N4
VDD
PWR
N8
VSS
GND
N9
VSS
GND
N10
VSS
GND
N11
VSS
GND
N12
VSS
GND
N13
VSS
GND
N17
VDD
PWR
N18
VDD
PWR
N19
VO_DATA1
O
N20
VO_DATA2
O
P1
PCI_AD05
I/O
P2
PCI_AD04
I/O
P3
VCC
PWR
P4
VCC
PWR
P17
VCC
PWR
P18
VCC
PWR
P19
TESTMODE
I
P20
VO_DATA0
O
R1
PCI_AD03
I/O
R2
PCI_AD02
I/O
R3
PCI_AD01
I/O
R4
VCC
PWR
Ball No.
Signal Name
Type
R17
VCC
PWR
R18
MM_DQM1
O
R19
IIC_SDA
I/OD
R20
IIC_SCL
I/OD
T1
PCI_AD00
I/O
T2
PCI_CLK
I
T3
VSS
GND
T4
VSS
GND
T17
VSS
GND
T18
MM_DQ07
I/O
T19
MM_DQM0
O
T20
BOOT_CLK
I
U1
MM_CKE1
O
U2
MM_CS0#
O
U3
MM_CS2#
O
U4
VSS
GND
U5
VSS
GND
U6
VCC
PWR
U7
VCC
PWR
U8
VDD
PWR
U9
VDD
PWR
U10
VCC
PWR
U11
VCC
PWR
U12
VDD
PWR
U13
VDD
PWR
U14
VCC
PWR
U15
VCC
PWR
U16
VSS
GND
U17
VSS
GND
U18
MM_DQ04
I/O
U19
MM_CS3#
O
U20
MM_CS1#
O
V1
MM_DQM2
O
V2
MM_DQ24
I/O
V3
MM_DQ25
I/O
V4
MM_DQM3
O
V5
VSS
GND
V6
MM_DQ19
I/O
V7
VCC
PWR
V8
VDD
PWR
V9
MM_A06
O
V10
VCC
PWR
V11
VCC
PWR
V12
MM_A10
O
V13
VDD
PWR
V14
VCC
PWR
V15
MM_DQ15
I/O
V16
VSS
GND
V17
MM_DQ09
I/O
Ball No.
Signal Name
Type
V18
MM_DQ01
I/O
V19
MM_DQ05
I/O
V20
MM_DQ06
I/O
W1
MM_DQ26
I/O
W2
MM_DQ27
I/O
W3
MM_DQ30
I/O
W4
MM_DQ23
I/O
W5
MM_DQ21
I/O
W6
MM_DQ18
I/O
W7
MM_DQ16
I/O
W8
MM_A08
O
W9
MM_A05
O
W10
MM_CLK1
O
W11
MM_A02
O
W12
MM_A00
O
W13
MM_A12
O
W14
MM_RAS#
O
W15
MM_WE#
O
W16
MM_DQ13
I/O
W17
MM_DQ11
I/O
W18
MM_DQ08
I/O
W19
MM_DQ02
I/O
W20
MM_DQ03
I/O
Y1
MM_DQ28
I/O
Y2
MM_DQ29
I/O
Y3
MM_DQ31
I/O
Y4
MM_DQ22
I/O
Y5
MM_DQ20
I/O
Y6
MM_DQ17
I/O
Y7
MM_A09
O
Y8
MM_A07
O
Y9
MM_A04
O
Y10
MM_CLK0
O
Y11
MM_A03
O
Y12
MM_A01
O
Y13
MM_A11
O
Y14
MM_A13
O
Y15
MM_CAS#
O
Y16
MM_DQ14
I/O
Y17
MM_DQ12
I/O
Y18
MM_DQ10
I/O
Y19
MM_CKE0
O
Y20
MM_DQ00
I/O
Ball No.
Signal Name
Type
Table 2-2.
Ball Assignment Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25