データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIPL30C60 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STGIPL30C60
部品情報  SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60 データシート(HTML) 19 Page - STMicroelectronics

Back Button STGIPL30C60 Datasheet HTML 15Page - STMicroelectronics STGIPL30C60 Datasheet HTML 16Page - STMicroelectronics STGIPL30C60 Datasheet HTML 17Page - STMicroelectronics STGIPL30C60 Datasheet HTML 18Page - STMicroelectronics STGIPL30C60 Datasheet HTML 19Page - STMicroelectronics STGIPL30C60 Datasheet HTML 20Page - STMicroelectronics STGIPL30C60 Datasheet HTML 21Page - STMicroelectronics STGIPL30C60 Datasheet HTML 22Page - STMicroelectronics STGIPL30C60 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID029059 Rev 1
19/23
STGIPL30C60
Package information
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Please refer to dedicated technical note TN0107 for mounting instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23