| データシートサーチシステム |
|
STM8AF/P638A データシート(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P638A データシート(HTML) 68 Page - STMicroelectronics |
|
68 / 116 page ![]() Electrical characteristics STM8AF6388 68/116 DocID031156 Rev 1 10.3.3 External clock sources and timing characteristics HSE external clock An HSE clock can be generated by feeding an external clock signal of up to 24 MHz to the OSCIN pin. Clock characteristics are subject to general operating conditions for VDD and TA. Figure 19. HSE external clock source HSE crystal/ceramic resonator oscillator The HSE clock can be supplied using a crystal/ceramic resonator oscillator of up to 24 MHz. All the information given in this paragraph is based on characterization results with specified typical external components. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details (frequency, package, accuracy...). Table 29. HSE external clock characteristics Symbol Parameter Conditions Min Typ Max Unit fHSE_ext User external clock source frequency TA = -40 °C to 150 °C 0(1) -24 MHz VHSEdHL Comparator hysteresis - 0.1 x VDD -- V VHSEH OSCIN high-level input pin voltage - 0.7 x VDD -VDD VHSEL OSCIN low-level input pin voltage -VSS - 0.3 x VDD ILEAK_HSE OSCIN input leakage current VSS < VIN < VDD -1 - +1 µA 1. If CSS is used, the external clock must have a frequency above 500 kHz. V HSEH V HSEL External clock source OSCIN fHSE STM8 MS36489V1 |