データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U545NET6QTR データシート(PDF) 183 Page - STMicroelectronics

部品番号 STM32U545NET6QTR
部品情報  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR データシート(HTML) 183 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 179Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 180Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 181Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 182Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 183Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 184Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 185Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 186Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 283 page
background image
DS14216 Rev 1
183/283
STM32U545xx
Electrical characteristics
258
APB3
0.40
0.39
0.35
0.32
-
0.23
0.19
0.16
0.12
-
µA/
MHz
COMP
0.22
0.20
0.19
0.16
0.01
0.12
0.10
0.08
0.06
0.01
I2C3
0.70
0.64
0.58
0.53
0.53
0.38
0.32
0.27
0.20
0.20
I2C3 indep(1)
1.70
1.55
1.40
1.27
1.27
0.91
0.78
0.65
0.48
0.48
LPTIM1
1.09
0.99
0.90
0.81
0.82
0.59
0.49
0.42
0.31
0.31
LPTIM1
indep(1)
2.88
2.62
2.41
2.15
2.19
1.58
1.32
1.12
0.82
0.83
LPTIM3
1.03
0.94
0.85
0.76
0.77
0.56
0.46
0.40
0.29
0.29
LPTIM3
indep(1)
2.99
2.75
2.46
2.22
2.24
1.70
1.36
1.13
0.84
0.85
LPTIM4
0.64
0.59
0.53
0.48
0.48
0.35
0.29
0.25
0.18
0.18
LPTIM4
indep(1)
1.74
1.60
1.42
1.29
1.32
0.90
0.82
0.68
0.49
0.50
LPUART1
1.39
1.26
1.15
1.03
1.03
0.75
0.62
0.53
0.39
0.39
LPUART1
indep(1)
2.06
1.87
1.70
1.52
1.53
1.12
0.93
0.79
0.57
0.58
OPAMP
0.21
0.20
0.18
0.16
0.16
0.11
0.09
0.08
0.06
0.06
RTC
2.96
2.69
2.44
2.21
2.22
1.59
1.34
1.14
0.83
0.84
SPI3
1.55
1.41
1.28
1.15
1.15
0.84
0.70
0.60
0.43
0.44
SPI3 indep(1)
0.57
0.51
0.46
0.42
0.42
0.30
0.26
0.22
0.16
0.16
SYSCFG
0.38
0.35
0.32
0.29
-
0.20
0.18
0.14
0.11
-
VREFBUF
0.12
0.11
0.10
0.09
0.09
0.07
0.05
0.04
0.04
0.04
1. indep stands for independent clock domain.
Table 72. Typical dynamic current consumption of peripherals (continued)
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More