| データシートサーチシステム |
|
STM32U5A5QJ データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U5A5QJ データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 382 page ![]() Functional overview STM32U5Axxx 40/382 DS13543 Rev 1 3.9.3 Low-power modes The ultra-low-power STM32U5Axxx devices support seven low-power modes to achieve the best compromise between low-power consumption, short startup time, available peripherals and available wake-up sources. The table below details the related low-power modes. Table 9. STM32U5Axxx modes overview Mode Regulator (1) CPU Flash SRAM Clocks DMA and peripherals(2) Wake-up source Run Range 1 Yes ON(3) ON Any All N/A Range 2 Range 3 All except DSI and OTG_HS Range 4 All except DSI, LTDC, OTG_HS and UCPD Sleep Range 1 No ON ON(4) Any All Any interrupt or event Range 2 Range 3 All except DSI and OTG_HS Range 4 All except DSI, LTDC, OTG_HS and UCPD Stop 0 Range 1 No OFF ON(5) LSE LSI (6) BOR, PVD, PVM, RTC, TAMP, IWDG, TEMP (temp. sensor), VREFBUF, ADC4(7), DAC1 (2 channels)(8), COMPx (x = 1, 2), OPAMPx (x = 1,2), USARTx (x = 1...6)(9), LPUART1, SPIx (x = 1...3)(10), I2Cx (x = 1...6)(11), LPTIMx (x = 1...4)(12), MDF1(13), ADF1, GPIO, LPGPIO, GPDMA1(14), LPDMA1 All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM, RTC, TAMP, IWDG, TEMP, ADC4 DAC1 (2 channels), COMPx (x = 1, 2), USARTx (x = 1...6), LPUART1, SPIx (x = 1...3), I2Cx (x = 1...6), LPTIMx (x = 1...4), MDF1, ADF1, GPDMA1, LPDMA1, OTG_HS, UCPD Range 2 Range 3 Range 4 Stop 1 LPR |