| データシートサーチシステム |
|
STM8AF6346ITA データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6346ITA データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 95 page ![]() This is information on a product in full production. April 2020 DS12343 Rev 2 1/95 STM8AF6366 Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V Datasheet - production data Features • AEC-Q10x qualified • Core –Max fCPU: 16 MHz – Advanced STM8A core with Harvard architecture and 3-stage pipeline – Average 1.6 cycles/instruction resulting in 10 MIPS at 16 MHz fCPU for industry standard benchmark • Memories – Flash Program memory: 16 to 32 Kbyte Flash; data retention 20 years at 55 °C after 1 kcycle – Data memory: 0.5 to 1 Kbyte true data EEPROM; endurance 300 kcycle – RAM: 2 Kbyte • Clock management – Low-power crystal resonator oscillator with external clock input – Internal, user-trimmable 16 MHz RC and low-power 128 kHz RC oscillators – Clock security system with clock monitor • Reset and supply management – Wait/auto-wakeup/Halt low-power modes with user definable clock gating – Low consumption power-on and power- down reset • Interrupt management – Nested interrupt controller with 32 vectors – Up to 34 external interrupts on 5 vectors • Timers – Up to 2 general purpose 16-bit PWM timers with up to 3 CAPCOM channels each (IC, OC or PWM) – Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead- time insertion and flexible synchronization – 8-bit AR basic timer with 8-bit prescaler – Auto-wakeup timer – Window and independent watchdog timers • Communication interfaces –LINUART – LIN 2.2 compliant, master/slave modes with automatic resynchronization – SPI interface up to 8 Mbit/s or fMASTER/2 –I2C interface up to 400 Kbit/s • Analog-to-digital converter (ADC) – 10-bit accuracy, 2LSB TUE accuracy, 2LSB TUE linearity ADC and up to 10 multiplexed channels with individual data buffer – Analog watchdog, scan and continuous sampling mode • I/Os – Up to 38 user pins including 10 HS I/Os – Highly robust I/O design, immune against current injection • Operating temperature up to 150 °C • Qualification conforms to AEC-Q100 rev G LQFP48 LQFP32 VFQFPN32 (5x5 mm) (7x7 mm) (7x7 mm) www.st.com |
同様の部品番号 - STM8AF6346ITA |
|
同様の説明 - STM8AF6346ITA |