| データシートサーチシステム |
|
STM8AF/P6388 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P6388 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 116 page ![]() This is information on a product in full production. October 2017 DocID031156 Rev 1 1/116 STM8AF6388 Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V Datasheet - production data Features • AEC-Q10x qualified • Core –Max fCPU: 24 MHz – Advanced STM8A core with Harvard architecture and 3-stage pipeline – Average 1.6 cycles/instruction resulting in 10 MIPS at 16 MHz fCPU for industry standard benchmark • Memories – Program memory: 32 to 128 Kbyte Flash program; data retention 20 years at 55 °C – Data memory: up to 2 Kbyte true data EEPROM; endurance 300 kcycle – RAM: 6 Kbyte • Clock management – Low-power crystal resonator oscillator with external clock input – Internal, user-trimmable 16 MHz RC and low-power 128 kHz RC oscillators – Clock security system with clock monitor • Reset and supply management – Wait/auto-wakeup/Halt low-power modes with user definable clock gating – Low consumption power-on and power- down reset • Interrupt management – Nested interrupt controller with 32 vectors – Up to 37 external interrupts on 5 vectors • Timers – 2 general purpose 16-bit timers with up to 3 CAPCOM channels each (IC, OC, PWM) – Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead- time insertion and flexible synchronization – 8-bit AR basic timer with 8-bit prescaler – Auto-wakeup timer – Window and independent watchdog timers • I/Os – Up to 68 user pins (11 high sink I/Os) – Highly robust I/O design, immune against current injection • Communication interfaces – USART with clock output for synchronous operation - LIN master mode – LINUART LIN 2.2 compliant, master/slave modes with automatic resynchronization – SPI interface up to 10 Mbit/s or fMASTER/2 –I2C interface up to 400 Kbit/s • Analog to digital converter (ADC) – 10-bit resolution, 2 LSB TUE, 1 LSB linearity and up to 16 multiplexed channels • Operating temperature up to 150 °C • Qualification conforms to AEC-Q100 grade 0 VFQFP32 5x5 mm LQFP32 7x7 mm LQFP48 7x7 mm LQFP64 10x10 mm LQFP80 14x14 mm www.st.com |
同様の部品番号 - STM8AF/P6388 |
|
同様の説明 - STM8AF/P6388 |