| データシートサーチシステム |
|
STM32U595QJ データシート(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ データシート(HTML) 85 Page - STMicroelectronics |
|
85 / 377 page ![]() DS13633 Rev 1 85/377 STM32U59xxx Functional overview 94 3.47 Universal synchronous/asynchronous receiver transmitter (USART/UART) and low-power universal asynchronous receiver transmitter (LPUART) The devices embed four universal synchronous receiver transmitters (USART1, USART2, USART3 and USART6), two universal asynchronous receiver transmitters (UART4, UART5) and one low-power universal asynchronous receiver transmitter (LPUART1). SMBus/PMBus hardware support X X X X X X Independent clock X X X X X X Autonomous in Stop 0, Stop 1 mode with wake-up capability X X X X X X Autonomous in Stop 2 mode with wake-up capability - - X - - - 1. X: supported Table 20. I2C implementation (continued) I2C features(1) I2C1 I2C2 I2C3 I2C4 I2C5 I2C6 Table 21. USART, UART and LPUART features USART modes/features(1) 1. X = supported. USART1/2/3/6 UART4/5 LPUART1 Hardware flow control for modem X X X Continuous communication using DMA X X X Multiprocessor communication X X X Synchronous mode (master/slave) X - - Smartcard mode X - - Single-wire half-duplex communication X X X IrDA SIR ENDEC block X X - LIN mode X X - Dual-clock domain and wake-up from Stop mode X(2) 2. Wake-up supported from Stop 0 and Stop 1 modes. X(2) X(3) 3. Wake-up supported from Stop 0, Stop 1 and Stop 2 modes. Receiver timeout interrupt X X - Modbus communication X X - Auto-baud rate detection X X - Driver enable X X X USART data length 7, 8 and 9 bits Tx/Rx FIFO X X X Tx/Rx FIFO size 8 bytes Autonomous mode X X X |