データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U595QJ データシート(PDF) 233 Page - STMicroelectronics

部品番号 STM32U595QJ
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ データシート(HTML) 233 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 229Page - STMicroelectronics STM32U595QJ Datasheet HTML 230Page - STMicroelectronics STM32U595QJ Datasheet HTML 231Page - STMicroelectronics STM32U595QJ Datasheet HTML 232Page - STMicroelectronics STM32U595QJ Datasheet HTML 233Page - STMicroelectronics STM32U595QJ Datasheet HTML 234Page - STMicroelectronics STM32U595QJ Datasheet HTML 235Page - STMicroelectronics STM32U595QJ Datasheet HTML 236Page - STMicroelectronics STM32U595QJ Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 377 page
background image
DS13633 Rev 1
233/377
STM32U59xxx
Electrical characteristics
343
I2C6
3.02
2.77
2.50
2.23
-
1.53
1.23
1.04
0.84
-
µA/
MH
I2C6 indep(1)
2.19
2.00
1.81
1.61
-
1.08
0.90
0.75
0.59
-
LPTIM2
1.36
1.23
1.12
1.02
-
0.66
0.55
0.46
0.38
-
LPTIM2
indep(1)
4.01
3.66
3.32
2.97
-
1.98
1.64
1.38
1.10
-
LTDC
10.29
9.38
8.49
7.59
-
5.07
4.22
3.54
2.80
-
SPI2
1.89
1.71
1.54
1.42
-
0.91
0.76
0.64
0.53
-
SPI2 indep(1)
0.71
0.64
0.58
0.51
-
0.35
0.29
0.24
0.19
-
TIM2
4.75
4.30
3.91
3.50
-
2.33
1.93
1.63
1.30
-
TIM3
4.74
4.30
3.91
3.50
-
2.32
1.93
1.62
1.30
-
TIM4
4.73
4.32
3.93
3.53
-
2.34
1.94
1.63
1.31
-
TIM5
4.82
4.41
4.01
3.60
-
2.38
1.98
1.66
1.34
-
TIM6
0.92
0.86
0.77
0.71
-
0.50
0.38
0.32
0.26
-
TIM7
0.92
0.86
0.77
0.71
-
0.45
0.39
0.32
0.26
-
UART4
2.04
1.89
1.71
1.57
-
1.05
0.84
0.71
0.58
-
UART4 indep(1)
3.88
3.55
3.23
2.88
-
1.91
1.59
1.34
1.07
-
UART5
2.07
1.91
1.73
1.58
-
1.02
0.85
0.72
0.58
-
UART5 indep(1)
3.70
3.38
3.07
2.73
-
1.82
1.52
1.28
1.02
-
UCPD1
1.73
1.60
1.45
1.31
-
0.86
0.71
0.60
0.49
-
USART2
7.03
6.44
5.84
5.26
-
3.47
2.90
2.43
1.95
-
USART2
indep(1)
4.97
4.55
4.14
3.69
-
2.45
2.05
1.72
1.38
-
USART3
2.34
2.16
1.95
1.79
-
1.15
0.96
0.81
0.66
-
USART3
indep(1)
4.64
4.24
3.86
3.43
-
2.29
1.91
1.61
1.29
-
USART6
6.61
6.03
5.48
4.89
-
3.25
2.71
2.29
1.82
-
USART6
indep(1)
4.49
4.11
3.73
3.32
-
2.21
1.85
1.55
1.24
-
WWDG
0.47
0.45
0.39
0.34
-
0.23
0.19
0.17
0.14
-
APB2
0.83
0.59
0.51
0.47
-
0.31
0.24
0.22
0.16
-
DSI
13.76
12.53
11.33
10.14
-
6.78
5.65
4.74
3.86
-
SAI1
1.68
1.51
1.36
1.22
-
0.81
0.68
0.56
0.45
-
SAI1 indep(1)
1.30
1.18
1.08
0.95
-
0.64
0.53
0.45
0.34
-
Table 63. Typical dynamic current consumption of peripherals (continued)
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More