データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF6386TAY データシート(PDF) 96 Page - STMicroelectronics

部品番号 STM8AF6386TAY
部品情報  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6386TAY データシート(HTML) 96 Page - STMicroelectronics

Back Button STM8AF6386TAY Datasheet HTML 92Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 93Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 94Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 95Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 96Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 97Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 98Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 99Page - STMicroelectronics STM8AF6386TAY Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Package information
STM8AF6388
96/116
DocID031156 Rev 1
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 50. LQFP64 marking example (package top view)
1. Parts marked as "ES","E” or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's quality department must be contacted to run a qualification activity prior to any decision to
use these engineering samples.
MS38334V1
Product
identification(1)
Pin 1 identifier
Revision code
Date code
YWW
Standard ST logo
XXXXXX
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More