データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32C011F6P3 データシート(PDF) 31 Page - STMicroelectronics

部品番号 STM32C011F6P3
部品情報  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P3 データシート(HTML) 31 Page - STMicroelectronics

Back Button STM32C011F6P3 Datasheet HTML 27Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 28Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 29Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 30Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 31Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 32Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 33Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 34Page - STMicroelectronics STM32C011F6P3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
DS13866 Rev 3
31/94
STM32C011x4/x6
Pinouts, pin description and alternate functions
31
8A2 20 18
PB6
I/O
FT
-
USART1_TX, TIM1_CH3,
TIM16_CH1N, TIM3_CH3,
USART1_RTS_DE_CK,
USART1_CTS, I2C1_SCL,
I2C1_SMBA, SPI1_MOSI/I2S1_SD,
SPI1_MISO/I2S1_MCK,
SPI1_SCK/I2S1_CK, TIM1_CH2,
TIM3_CH1, TIM3_CH2,
TIM16_BKIN, TIM17_BKIN
WKUP3
1D3
1
19
PB7
I/O
FT
-
USART1_RX, TIM1_CH4,
TIM17_CH1N, TIM3_CH4,
I2C1_SDA, EVENTOUT,
USART2_CTS, TIM16_CH1,
TIM3_CH1, I2C1_SCL
RTC_REFIN
1. Pins PA9 and PA10 can be remapped in place of pins PA11 and PA12 (default mapping), using SYSCFG_CFGR1 register.
2. Upon reset, these pins are configured as SWD alternate functions, and the internal pull-up on PA13 pin and the internal
pull-down on PA14 pin are activated.
Table 12. Pin assignment and description (continued)
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94