データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32C011F6M3 データシート(PDF) 32 Page - STMicroelectronics

部品番号 STM32C011F6M3
部品情報  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6M3 データシート(HTML) 32 Page - STMicroelectronics

Back Button STM32C011F6M3 Datasheet HTML 28Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 29Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 30Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 31Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 32Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 33Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 34Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 35Page - STMicroelectronics STM32C011F6M3 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
Table 13. Port A alternate function mapping (AF0 to AF7)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
-
USART2_CTS
TIM16_CH1
-
USART1_TX
TIM1_CH1
-
-
PA1
SPI1_SCK/I2S1_
CK
USART2_RTS_
DE_CK
TIM17_CH1
-
USART1_RX
TIM1_CH2
I2C1_SMBA
EVENTOUT
PA2
SPI1_MOSI/I2S1
_SD
USART2_TX
TIM16_CH1N
TIM3_ETR
-
TIM1_CH3
-
-
PA3
-
USART2_RX
TIM1_CH1N
-
-
TIM1_CH4
-
EVENTOUT
PA4
SPI1_NSS/I2S1_
WS
USART2_TX
TIM1_CH2N
-
TIM14_CH1
TIM17_CH1N
-
EVENTOUT
PA5
SPI1_SCK/I2S1_
CK
USART2_RX
TIM1_CH3N
-
-
TIM1_CH1
-
EVENTOUT
PA6
SPI1_MISO/I2S1
_MCK
TIM3_CH1
TIM1_BKIN
-
-
TIM16_CH1
-
-
PA7
SPI1_MOSI/I2S1
_SD
TIM3_CH2
TIM1_CH1N
-
TIM14_CH1
TIM17_CH1
-
-
PA8
MCO
USART2_TX
TIM1_CH1
-
-
-
-
EVENTOUT
PA9
MCO
USART1_TX
TIM1_CH2
TIM3_ETR
-
I2C1_SCL
EVENTOUT
PA10
-
USART1_RX
TIM1_CH3
MCO2
-
TIM17_BKIN
I2C1_SDA
EVENTOUT
PA11
SPI1_MISO/I2S1
_MCK
USART1_CTS
TIM1_CH4
-
-
TIM1_BKIN2
-
-
PA12
SPI1_MOSI/I2S1
_SD
USART1_RTS_
DE_CK
TIM1_ETR
-
-
I2S_CKIN
-
-
PA13
SWDIO
IR_OUT
-
TIM3_ETR
USART2_RX
-
-
EVENTOUT
PA14
SWCLK
USART2_TX
----
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94