データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G0C1NET7X データシート(PDF) 51 Page - STMicroelectronics

部品番号 STM32G0C1NET7X
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7X データシート(HTML) 51 Page - STMicroelectronics

Back Button STM32G0C1NET7X Datasheet HTML 47Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 48Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 49Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 50Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 51Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 52Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 53Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 54Page - STMicroelectronics STM32G0C1NET7X Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 159 page
background image
15
15
19
19
H7
27
27
F5
29
35
L5
PB0
I/O
FT_ea
-
SPI1_NSS/I2S1_WS, TIM3_CH3, TIM1_CH2N,
FDCAN2_RX, USART3_RX, LPTIM1_OUT,
UCPD1_FRSTX, COMP1_OUT, USART5_TX,
LPUART2_CTS
COMP3_INP0, ADC_IN8
16
16
20
20
H5
28
28 G5
30
36
M5
PB1
I/O
FT_ea
-
TIM14_CH1, TIM3_CH4, TIM1_CH3N, FDCAN2_TX,
USART3_RTS_DE_CK, LPTIM2_IN1,
LPUART1_RTS_DE, COMP3_OUT, USART5_RX,
LPUART2_RTS_DE
COMP1_INM6, ADC_IN9
17
-
21
21G429
29
H7
31
37
L6
PB2
I/O
FT_ea
-
SPI2_MISO/I2S2_MCK, MCO2, USART3_TX,
LPTIM1_OUT, EVENTOUT
COMP1_INP1,
COMP3_INM6, ADC_IN10
-
-
-
-
-
-
-
-
-
38
M6
PF6
I/O
FT
-
LPUART1_RTS_DE
-
-
-
-
-
-
-
-
-
-
39
L7
PF7
I/O
FT
-
LPUART1_CTS, USART5_CTS
-
-
-
-
-
-
-
-
-
32
40
M7
PE7
I/O
FT_a
-
TIM1_ETR, USART5_RTS_DE_CK
COMP3_INP2
-
-
-
-
-
-
-
-
33
41
M8
PE8
I/O
FT_a
-
USART4_TX, TIM1_CH1N
COMP3_INM8
-
-
-
-
-
-
-
-
34
42
K8
PE9
I/O
FT
-
USART4_RX, TIM1_CH1
-
-
-
-
-
-
-
-
-
35
43
L8
PE10
I/O
FT
-
TIM1_CH2N, USART5_TX
-
-
-
-
-
-
-
-
-
-
44
M9
PE11
I/O
FT
-
TIM1_CH2, USART5_RX
-
-
-
-
-
-
-
-
-
-
45
L9
PE12
I/O
FT
-
SPI1_NSS/I2S1_WS, TIM1_CH3N
-
-
-
-
-
-
-
-
-
-
46 M10
PE13
I/O
FT
-
SPI1_SCK/I2S1_CK, TIM1_CH3
-
-
-
-
-
-
-
-
-
-
47
K9
PE14
I/O
FT
-
SPI1_MISO/I2S1_MCK, TIM1_CH4, TIM1_BKIN2
-
-
-
-
-
-
-
-
-
-
48
L10
PE15
I/O
FT
-
SPI1_MOSI/I2S1_SD, TIM1_BKIN
-
Table 12. Pin assignment and description (continued)
Pin number
Pin name
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More