| データシートサーチシステム |
|
STM32G0C1VCT3 データシート(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1VCT3 データシート(HTML) 79 Page - STMicroelectronics |
|
79 / 159 page ![]() DS13564 Rev 4 79/159 STM32G0C1xC/xE Electrical characteristics 124 On-chip peripheral current consumption The current consumption of the on-chip peripherals is given in the following table. The MCU is placed under the following conditions: • All I/O pins are in Analog mode • The given value is calculated by measuring the difference of the current consumptions: – when the peripheral is clocked on – when the peripheral is clocked off • Ambient operating temperature and supply voltage conditions summarized in Table 21: Voltage characteristics • The power consumption of the digital part of the on-chip peripherals is given in the following table. The power consumption of the analog part of the peripherals (where applicable) is indicated in each related section of the datasheet. Table 36. Current consumption of peripherals Peripheral Bus Consumption in µA/MHz Range 1 Range 2 Low-power run and sleep IOPORT Bus IOPORT 0.5 0.4 0.3 GPIOA IOPORT 3.1 2.4 3.0 GPIOB IOPORT 2.9 2.3 3.0 GPIOC IOPORT 3.0 2.4 2.8 GPIOD IOPORT 2.7 2.2 2.5 GPIOE IOPORT 1.6 1.4 1.6 GPIOF IOPORT 2.8 2.3 2.6 Bus matrix AHB 0.5 0.5 0.5 All AHB Peripherals AHB 31 26 30 DMA1/DMAMUX AHB 5.1 4.3 4.9 CRC AHB 0.4 0.4 0.5 FLASH AHB 22 18 21 RNG AHB 1.5 1.3 1.5 AES AHB 2.7 2.3 2.5 All APB peripherals APB 120 110 220 AHB to APB bridge(1) APB 0.2 0.2 0.1 PWR APB 0.4 0.3 0.4 WWDG APB 0.4 0.4 0.4 DMA2 APB 1.5 1.3 1.5 TIM1 APB 7.6 6.3 7.2 TIM2 APB 5.2 4.3 4.9 TIM3 APB 4.7 3.9 4.3 TIM4 APB 4.4 3.7 4.2 TIM6 APB 1.2 1.0 1.1 |