データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM30T28AY データシート(PDF) 6 Page - STMicroelectronics

部品番号 SM30T28AY
部品情報  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T28AY データシート(HTML) 6 Page - STMicroelectronics

Back Button SM30T28AY Datasheet HTML 2Page - STMicroelectronics SM30T28AY Datasheet HTML 3Page - STMicroelectronics SM30T28AY Datasheet HTML 4Page - STMicroelectronics SM30T28AY Datasheet HTML 5Page - STMicroelectronics SM30T28AY Datasheet HTML 6Page - STMicroelectronics SM30T28AY Datasheet HTML 7Page - STMicroelectronics SM30T28AY Datasheet HTML 8Page - STMicroelectronics SM30T28AY Datasheet HTML 9Page - STMicroelectronics SM30T28AY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Figure 15. ISO7637-2 pulse 3a response (VS = -220 V) with
12 V battery
Figure 16. ISO7637-2 pulse 3b response (VS = 150 V) with
12 V battery
Figure 17. ISO7637-2 pulse 5b definition
Figure 18. Load dump capability
(Us* = f(Ri) pulse 5b, Us = 87 V, tp = 150 ms)
Figure 19. Load dump capability
(Us* = f(Ri) pulse 5b, Us = 87 V, tp = 400 ms)
Figure 20. ISO16750-2 test B definition
SM30TxxAY, SM30TxxCAY
Characteristics (curves)
DS8599 - Rev 12
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16