データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGAP2HD データシート(PDF) 12 Page - STMicroelectronics

部品番号 STGAP2HD
部品情報  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HD データシート(HTML) 12 Page - STMicroelectronics

Back Button STGAP2HD Datasheet HTML 8Page - STMicroelectronics STGAP2HD Datasheet HTML 9Page - STMicroelectronics STGAP2HD Datasheet HTML 10Page - STMicroelectronics STGAP2HD Datasheet HTML 11Page - STMicroelectronics STGAP2HD Datasheet HTML 12Page - STMicroelectronics STGAP2HD Datasheet HTML 13Page - STMicroelectronics STGAP2HD Datasheet HTML 14Page - STMicroelectronics STGAP2HD Datasheet HTML 15Page - STMicroelectronics STGAP2HD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Figure 4. Standby state sequences
Sequence to enter stand-by mode
Sequence to exit stand-by mode
t < tSTBY
t = tSTBY
INA, INB, SD, BRAKE
Device status
Output
ACTIVE
STAND-BY
SAFE-STATE
ACTIVE
“stand-by”
“stand-by”
duration too short
t = tSTBY
Device status
Output
ACTIVE
STAND-BY
SAFE-STATE
ACTIVE
t > tstbyfilt t < tWUP
t > tSTBY
tWUP < t < tSTBY
t = tawake
ACTIVE
ACTIVE
“stand-by”
“stand-by”
“stand-by”
“stand-by”
duration
too short
duration too long
INA = INB = BRAKE = HIGH
is any different combination
SD = LOW
“stand-by”:
{
INA, INB, SD, BRAKE
6.7
Interlocking function
The interlocking function prevents outputs GOUT_A and GOUT_B from being high at the same time, regardless
of the status of the input pins INA and INB. In half-bridge topologies this protection avoids shoot-through in case
that wrong input signals are generated by the controller device. In case the status of INA and INB is such to
require both channels to be ON at the same time, the driver turns both channels off. In some topologies it is
required to allow both channels to be ON at the same time: this can be achieved by disabling the interlocking
function trough the iLOCK pin. The iLOCK pin shall be either connected to VDD, which enables the interlocking
function, or to GND, which disables the interlocking function and allows parallel operation of Channel_A and
Channel_B. Refer to Section 6.3 for complete logic inputs truth table.
STGAP2HD
Interlocking function
DS13652 - Rev 2
page 12/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24