データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNI2140J データシート(PDF) 6 Page - STMicroelectronics

部品番号 VNI2140J
部品情報  Dual high-side smart power solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140J データシート(HTML) 6 Page - STMicroelectronics

Back Button VNI2140J Datasheet HTML 2Page - STMicroelectronics VNI2140J Datasheet HTML 3Page - STMicroelectronics VNI2140J Datasheet HTML 4Page - STMicroelectronics VNI2140J Datasheet HTML 5Page - STMicroelectronics VNI2140J Datasheet HTML 6Page - STMicroelectronics VNI2140J Datasheet HTML 7Page - STMicroelectronics VNI2140J Datasheet HTML 8Page - STMicroelectronics VNI2140J Datasheet HTML 9Page - STMicroelectronics VNI2140J Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
5
Electrical characteristics
9 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 4. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
9
-
45
V
RDS(ON)
ON-state resistance
IOUT = 0.5 A at TJ = 25 °C
-
0.080
-
Ω
IOUT = 0.5 A at TJ = 125 °C
-
-
0.150
Ω
IS
VCC supply current
All channels in OFF-state
-
300
-
μA
ON-state with VIN = 5 V, TJ = 125 °C
-
1.9
4
mA
VCLAMP
VCC clamp voltage
IS = 20 mA
45
-
52
V
VOUT(OFF)
OFF-state output voltage
VIN = 0 V, IOUT = 0 A
-
-
3
V
IOUT(OFF)
OFF-state output current
VIN = VOUT = 0 V
0
-
5
μA
IOUT(OFF1)
VIN = 0 , VOUT = 4 V
-35
-
0
μA
ILGND
Output current at GND
disconnection
VCC = VIN1 or VIN2 = VDIAG = VGND =
24 V; VOUT = 0 V
-
-
0.5
mA
Table 5. Switching
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(ON)
Output current turn-on delay
time
VCC = 24 V, RL = 48 Ω,
Input rise time < 0.1 µs, TJ = 25 °C,
see Figure 6
-
8
-
µs
tr
Output current rise time
-
15
-
µs
td(ON) + tr
Turn-on response
-
-
35
µs
td(OFF)
Output current turn-off delay
time
-
10
-
µs
tf
Output current fall time
-
7
-
µs
td(OFF) + tf
Turn-off response
-
-
40
µs
tDOL
Delay time for open-load
detection
-
500
-
µs
dV/dt(ON)
Turn-on voltage slope
-
3
-
V/µs
dV/dtm(OFF) Turn-off voltage slope
-
4
-
V/µs
Table 6. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
-
-
0.8
V
VIH
Input high level voltage
2.20
-
-
V
VI(HYST)
Input hysteresis voltage
-
0.15
-
V
IIN
Input current
VIN = 15 V
-
-
10
µA
VIN = 36 V
-
-
210
VNI2140
Electrical characteristics
DS5977 - Rev 11
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com