データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9SQL4954 データシート(PDF) 27 Page - Renesas Technology Corp

部品番号 9SQL4954
部品情報  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4954 データシート(HTML) 27 Page - Renesas Technology Corp

Back Button 9SQL4954 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 24Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 25Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 26Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 27Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 28Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 29Page - Renesas Technology Corp 9SQL4954 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information
is the most current data available.
9SQL4952:
www.idt.com/document/psc/nlnlg24p1-package-outline-40-x-40-mm-body-05-mm-pitch-qfn-epad-size-245-x-245-mm
9SQL4954:
www.idt.com/document/psc/32-vfqfpn-package-outline-drawing-50-x-50-x-090-mm-body-epad-315-x-315-mm-nlg32p1
9SQL4958:
www.idt.com/document/psc/48-vfqfpn-package-outline-drawing-60-x-60-x-090-mm-body-epad-42-x-42-mm-040mm-pitch-ndg48p2
Marking Diagrams
9SQL4952
9SQL4954
9SQL4958
▪ Line 1: truncated part number.
▪ Line 2:
• “YYWW” is the last two digits of the year and the work week the part was assembled.
• “$” denotes the mark code.
▪ “LOT” denotes the lot number.
▪ Lines 1, 2 and 3: part number.
▪ Line 4:
• “YYWW” is the last two digits of the year and the work week the part was assembled.
• “$” denotes the mark code.
▪ “LOT” denotes the lot number.
▪ Lines 1 and 2: part number.
▪ Line 3:
• “YYWW” is the last two digits of the year and the work week the part was assembled.
• “$” denotes the mark code.
▪ “LOT” denotes the lot number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30