| データシートサーチシステム |
|
9SQL4952CNLGI8 データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9SQL4952CNLGI8 データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 30 page ![]() 10 ©2020 Renesas Electronics Corporation February 19, 2020 9SQL4952/9SQL4954/9SQL4958 Datasheet 1 Guaranteed by design and characterization, not 100% tested in production. 2 Control input must be monotonic from 20% to 80% of input swing. 3 Time from deassertion until outputs are > 200mV. 4 Contact the factory for other frequencies. 1 Measured from single-ended waveform. 2 Measured from differential waveform. 3 Measured from -150 mV to +150 mV on the differential waveform (derived from REFCLK+ minus REFCLK-). The signal must be monotonic through the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing. 4 Measured at crossing point where the instantaneous voltage value of the rising edge of REFCLK+ equals the falling edge of REFCLK-. SS Modulation Frequency fMOD Triangular modulation. 30 31.6 33 kHz 1 OE# Latency tLATOE# DIF start after OE# assertion. DIF stop after OE# deassertion. 12 3 clocks 1,3 Tdrive_PD# tDRVPD DIF output enable after PD# de-assertion. 300 μs1,3 Fall Time tF Fall time of single-ended control inputs. 5 ns 1,2 Rise Time tR Rise time of single-ended control inputs. 5 ns 1,2 Table 7. BCLK Low-Power HCSL Outputs Parameter Symbol Conditions Minimum Typical Maximum Units Notes Slew Rate Trf Scope averaging on, fast setting. 2 2.7 4 V/ns 2,3 Scope averaging, slow setting. 1 1.9 3 V/ns 2,3 Crossing Voltage (abs) Vcross_abs Scope averaging off. 250 409 550 mV 1,4,5 Crossing Voltage (var) Δ-Vcross Scope averaging off. 14 140 mV 1,4,9 Avg. Clock Period Accuracy TPERIOD_AVG Devices have 0 ppm synthesis error. The maximum occurs with -0.5% SSC. 0 0 +2500 ppm 2,10,12,13 Absolute Period TPERIOD_ABS Includes jitter and spread spectrum modulation. 9.95 10 10.0503 ns 2,6 Jitter, Cycle to Cycle tjcyc-cyc 16 50 ps 2 Voltage High VHIGH Statistical measurement on single-ended signal using oscilloscope math function (scope averaging on). 660 761 850 mV 1 Voltage Low VLOW -150 -7 150 mV 1 Absolute Maximum Voltage VMIN Measurement on single-ended signal using absolute value (scope averaging off). 819 1150 mV 1,7,15 Absolute Minimum Voltage VMAX -300 -46 1,8,15 Duty Cycle tDC 45 49 55 % 2 Slew Rate Matching ΔTrf Single-ended measurement. 6 20 % 1,14 Skew, Output to Output tsk3 Averaging on, VT = 50%. 12 50 ps 2 Table 6. Input/Supply/Common Parameters – Normal Operating Conditions (Cont.) Parameter Symbol Conditions Minimum Typical Maximum Units Notes |