データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAM9X60SIP データシート(PDF) 27 Page - Microchip Technology

部品番号 SAM9X60SIP
部品情報  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP データシート(HTML) 27 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 23Page - Microchip Technology SAM9X60SIP Datasheet HTML 24Page - Microchip Technology SAM9X60SIP Datasheet HTML 25Page - Microchip Technology SAM9X60SIP Datasheet HTML 26Page - Microchip Technology SAM9X60SIP Datasheet HTML 27Page - Microchip Technology SAM9X60SIP Datasheet HTML 28Page - Microchip Technology SAM9X60SIP Datasheet HTML 29Page - Microchip Technology SAM9X60SIP Datasheet HTML 30Page - Microchip Technology SAM9X60SIP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
© 2019 Microchip Technology Incorporated
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Terminal A1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Ball Pitch
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
e
E
N
0.80 BSC
0.38
-
0.27
0.40
12.80 BSC
-
0.32
14.00 BSC
MILLIMETERS
MIN
NOM
233
0.48
1.20
0.37
MAX
Overall Length
Overall Ball Pitch
D
D1
14.00 BSC
12.80 BSC
Microchip Technology Drawing C04-21501 Rev A Sheet 2 of 2
233-Ball Thin Fine Pitch Ball Grid Array (4FB) - 14x14 mm Body [TFBGA]
SAM9X60 SIP
Mechanical Characteristics
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40