データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2131 データシート(PDF) 78 Page - NXP Semiconductors

部品番号 PCF2131
部品情報  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 データシート(HTML) 78 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 74Page - NXP Semiconductors PCF2131 Datasheet HTML 75Page - NXP Semiconductors PCF2131 Datasheet HTML 76Page - NXP Semiconductors PCF2131 Datasheet HTML 77Page - NXP Semiconductors PCF2131 Datasheet HTML 78Page - NXP Semiconductors PCF2131 Datasheet HTML 79Page - NXP Semiconductors PCF2131 Datasheet HTML 80Page - NXP Semiconductors PCF2131 Datasheet HTML 81Page - NXP Semiconductors PCF2131 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
16 Abbreviations
Acronym
Description
AM
Ante Meridiem
BCD
Binary Coded Decimal
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DC
Direct Current
GPS
Global Positioning System
HBM
Human Body Model
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
LSB
Least Significant Bit
MCU
Microcontroller Unit
MM
Machine Model
MSB
Most Significant Bit
PM
Post Meridiem
POR
Power-On Reset
PORO
Power-On Reset Override
PPM
Parts Per Million
RC
Resistance-Capacitance
RTC
Real-Time Clock
SCL
Serial CLock line
SDA
Serial DAta line
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
TCXO
Temperature Compensated Xtal Oscillator
Xtal
crystal
Table 94. Abbreviations
17 References
[1] AN13203 Application and soldering information for the PCF2131 and PCA2131
RTC
[2] SOT1992-1_518 HLSON16; Reel pack; SMD, 13", packing information
[3] UM10204 I2C-bus specification and user manual
[4] UM10569 Store and transport requirements
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
78 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86