データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2ICS5001EW/V1 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 SL2ICS5001EW/V1
部品情報  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5001EW/V1 データシート(HTML) 10 Page - NXP Semiconductors

Back Button SL2ICS5001EW/V1 Datasheet HTML 6Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 9Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 10Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 13Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
10 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
8.1.2.3 Lock block
Only Option 0 (Option flag is not set) is supported.
8.1.2.4 Select
As defined in ISO/IEC 15693-3.
8.1.2.5 Reset to ready
As defined in ISO/IEC 15693-3.
8.1.2.6 Write AFI
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.7 Lock AFI
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.8 Write DSFID
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.9 Lock DSFID
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.10 Get system information
As defined in ISO/IEC 15693-3.
The IC returns number of blocks= 48 blocks, because it comprises the same digital part as
I•CODE SLI-S.
The TAG type of the SL2 ICS50/SL2 ICS51 is “03h”.
8.1.3 Custom commands
The Manufacturer code of NXP Semiconductors is defined in ISO/IEC 7816-6A1. It has
the value “04h”.
For the structure of custom commands please refer to ISO/IEC 15693-3.
8.1.3.1 Get random number
Command Code = B2h
The Get Random Number command is required to receive a random number from the
label IC. The passwords that will be transmitted with the Set Password command have to
be calculated with the Password and the Random Number (see Section 8.1.3.2 “Set
password”).
The different passwords are addressed with the Password Identifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28