| データシートサーチシステム |
|
SL2ICS5401EW/V7 データシート(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS5401EW/V7 データシート(HTML) 14 Page - NXP Semiconductors |
|
14 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 14 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 8.1.3.5 64 bit password protection Command Code = BBh With the 64-bit Password Protection command the Label IC can be instructed that both of the Read and Write passwords are required to get access to password protected blocks (pages). This mode can be enabled if the Read and Write passwords have already been transmitted with a Set Password command before. If the 64-bit password protection is enabled both passwords are required for read & write access to protected blocks (pages). Table 20. Request format SOF Flags 64 bit PWD Parameter IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits 16 bits 8 bits Table 21. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 22. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits |