| データシートサーチシステム |
|
ADC1283IPT データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADC1283IPT データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 24 page ![]() 6 Registers and input channel Table 5. Control register bits Bit # 7 (MSB) 6 5 4 3 2 1 0 Symbol DONTC DONTC ADD2 ADD1 ADD0 DONTC DONTC DONTC Table 6. Control register bit description Bit # Symbol Description 7, 6, 2, 1, 0 DONTC Don’t care 5 ADD2 These bits determine which input channel is converted, as per Table 7. 4 ADD1 3 ADD0 Table 7. Input channel description ADD2 ADD1 ADD0 Address value (h) Input channel 0 0 0 00 IN0 0 0 1 08 IN1 0 1 0 10 IN2 0 1 1 18 IN3 1 0 0 20 IN4 1 0 1 28 IN5 1 1 0 30 IN6 1 1 1 38 IN7 ADC1283 Registers and input channel DS13932 - Rev 1 page 14/24 |