| データシートサーチシステム |
|
ASM330LHB データシート(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHB データシート(HTML) 112 Page - STMicroelectronics |
|
112 / 131 page ![]() Note: Steps 1 and 2 of both procedures are intended to be performed at the beginning of the procedure. Steps 6 and 7 of both procedures are intended to be performed at the end of the procedure. If the procedure involves multiple operations, only steps 3, 4 and 5 must be repeated for each operation. If, in particular, the multiple operations involve consecutive registers, only step 5 can be performed. ASM330LHB Embedded advanced features DS13773 - Rev 7 page 112/131 |