データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CLT03-1SC3 データシート(PDF) 20 Page - STMicroelectronics

部品番号 CLT03-1SC3
部品情報  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 データシート(HTML) 20 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 16Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 17Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 18Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 19Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 20Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 21Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 22Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 23Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Figure 29. Tape outline
Table 12. Tape dimension values
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
D0
1.45
1.5
1.6
D1
1.00
F
1.65
1.75
1.85
K0
1.10
1.15
1.20
P0
3.90
4.00
4.10
P1
3.90
4.00
4.10
P2
1.95
2.00
2.05
W
11.90
12.00
12.30
CLT03-2Q3, CLT03-1SC3
QFN-16L 4.0 x 2.0 package information
DS12302 - Rev 13
page 20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24