データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVLED101 データシート(PDF) 28 Page - STMicroelectronics

部品番号 HVLED101
部品情報  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 データシート(HTML) 28 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 24Page - STMicroelectronics HVLED101 Datasheet HTML 25Page - STMicroelectronics HVLED101 Datasheet HTML 26Page - STMicroelectronics HVLED101 Datasheet HTML 27Page - STMicroelectronics HVLED101 Datasheet HTML 28Page - STMicroelectronics HVLED101 Datasheet HTML 29Page - STMicroelectronics HVLED101 Datasheet HTML 30Page - STMicroelectronics HVLED101 Datasheet HTML 31Page - STMicroelectronics HVLED101 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 12. SOP14 mechanical data
Dimensions
mm
Min.
Typ.
Max.
A
1.350
1.750
A1
0.100
0.250
A2
1.100
1.650
B
0.330
0.510
C
0.190
0.250
D
8.550
8.750
E
3.800
4.000
e
1.270
H
5.800
6.200
h
0.250
0.500
L
0.400
1.270
k
0d
8d
ddd
0.100
HVLED101
Package mechanical data
DS14143 - Rev 2
page 28/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36