| データシートサーチシステム |
|
HVLED101TR データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED101TR データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 36 page ![]() 7 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Table 12. SOP14 mechanical data Dimensions mm Min. Typ. Max. A 1.350 1.750 A1 0.100 0.250 A2 1.100 1.650 B 0.330 0.510 C 0.190 0.250 D 8.550 8.750 E 3.800 4.000 e 1.270 H 5.800 6.200 h 0.250 0.500 L 0.400 1.270 k 0d 8d ddd 0.100 HVLED101 Package mechanical data DS14143 - Rev 2 page 28/36 |