| データシートサーチシステム |
|
ISOSD61TR データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISOSD61TR データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 23 page ![]() CMRR is defined as the ratio of the power in the ADC output with an input differential sine wave, PD, to the power of an input peak-to-peak sine wave applied to the common-mode voltage of VIN+ and VIN−, PCM, as: CMRR dB = 10 logPD/PCM Power Supply Rejection Ratio (PSRR) Variations in power supply affect the full-scale transition but not the linearity of the converter. PSRR is the maximum change in the specified full-scale transition point due to a change in power supply voltage from the nominal value. PSRR = 20 log cℎange in supply/cℎange in output voltage ISOSD61 Terminology DS13605 - Rev 8 page 11/23 |