データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JANS2ST3360KG データシート(PDF) 3 Page - STMicroelectronics

部品番号 JANS2ST3360KG
部品情報  Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JANS2ST3360KG データシート(HTML) 3 Page - STMicroelectronics

  JANS2ST3360KG Datasheet HTML 1Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 2Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 3Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 4Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 5Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 6Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 7Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 8Page - STMicroelectronics JANS2ST3360KG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
Note:
For PNP transistor voltage and current polarity is reversed.
Table 3. Electrical characteristics for NPN (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ICBO
Collector-base cut-off current
(IE = 0)
VCB = 60 V
100
nA
VCB = 60 V, Tamb = 150 °C
10
µA
IEBO
Emitter-base cut-off current
(IC = 0)
VEB = 6 V
100
nA
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 100 μA
60
V
V(BR)CEO
Collector-emitter breakdown
voltage (IB = 0)
IC = 1 mA
60
V
V(BR)EBO
Emitter-base breakdown
voltage
IE = 10 μA
6
V
VBE(on)
Base-emitter on voltage
VCE = 2 V, IC = 100 mA
600
720
mV
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 0.8 A, IB = 40 mA
160
mV
IC = 2 A IB = 100 mA
380
mV
hFE (1)
DC current gain
IC = 100 mA, VCE = 2 V
100
IC = 100 mA, VCE = 2 V, Tamb = -55 °C
40
IC = 1 A, VCE = 2 V
160
400
ton
Turn on-time
VCC = 10 V, IC = 0.8 A, Ibon = 80 mA,
Iboff = -80 mA(2)
175
ns
toff
Turn off-time
2.5
µs
COBO
Output capacitance
VCB = 10 V, IE = 0 A, f = 1 MHz
45
pF
1. Pulse test: pulse duration ≤ 300 μs, duty cycle ≤ 2%.
2. Resistive load
JANS2ST3360K
Electrical characteristics
DS11305 - Rev 3
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12