データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L4985BTR データシート(PDF) 5 Page - STMicroelectronics

部品番号 L4985BTR
部品情報  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985BTR データシート(HTML) 5 Page - STMicroelectronics

  L4985BTR Datasheet HTML 1Page - STMicroelectronics L4985BTR Datasheet HTML 2Page - STMicroelectronics L4985BTR Datasheet HTML 3Page - STMicroelectronics L4985BTR Datasheet HTML 4Page - STMicroelectronics L4985BTR Datasheet HTML 5Page - STMicroelectronics L4985BTR Datasheet HTML 6Page - STMicroelectronics L4985BTR Datasheet HTML 7Page - STMicroelectronics L4985BTR Datasheet HTML 8Page - STMicroelectronics L4985BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
No.
Name
Function
6
COMP
Output pin of the trans-conductance Error Amplifier (OTA). A compensation network is placed between
this pin and GND to allow stability of the control loop and ensure high PF and THD. To avoid
uncontrolled rise of the output voltage at light or zero load, when VCOMP < VCOMP_S (1 V typ. Burst
Mode condition) the gate driver pin (GD) is forced low and the switching activity is stopped. If the Burst
Mode condition is triggered when GD is high, the system is allowed to complete the current on-time and
the system stoppage takes place after GD falling edge.
The pin can be also used to disable the device by forcing VCOMP < VCOMP_DIS (0.7 V typ.) by means of
an external pull-down active network.
7
N.C.
High voltage spacer. This pin is not internally connected to isolate the high voltage section and ease
compliance with safety regulations (creepage distance) on the PCB.
8
HV
High voltage start-up generator input / AC voltage sensing input. The pin, able to withstand 800 V, has
to be connected to the AC side of the input bridge via a pair of diodes (1N400x type) to sense the AC
input voltage. If the voltage on the pin is higher than VHV_START (29 V typ.), an internal pull-up circuit
charges the capacitor connected between the pin VCC and GND. Initially the current is low for safety
in case of a shorted VCC, and then it goes to the normal level as far as the VCC pin reaches the
start-up threshold (VCC_ON). The generator is re-enabled when the voltage on the VCC pin falls below
the UVLO threshold (VCC_OFF).
The pin is used also to sense the AC voltage, which is used by the AC brownout, the input voltage
feedforward and the THD-CCM optimizer functions.
An internal logic circuit detects that the unit has been detached from the power line; if this event occurs
then, the HV pin sinks a current to discharge the X-capacitors of the EMI filter to a safe level. This
allows the unit to meet safety regulations (such as IEC 61010-1 or IEC 62368-1) without using the
traditional discharge resistor in parallel to the X-capacitor, thus saving the associated power losses and
enabling ultra-low consumption in standby conditions. In case an AC brownout condition is detected
the internal generator is alternatively turned on and off and, as a consequence, the voltage at VCC pin
cycles between the start-up threshold and the UVLO threshold.
L4985
Pin connection and functions
DS13769 - Rev 3
page 5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27