データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9969T データシート(PDF) 56 Page - STMicroelectronics

部品番号 L9969T
部品情報  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T データシート(HTML) 56 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 52Page - STMicroelectronics L9969T Datasheet HTML 53Page - STMicroelectronics L9969T Datasheet HTML 54Page - STMicroelectronics L9969T Datasheet HTML 55Page - STMicroelectronics L9969T Datasheet HTML 56Page - STMicroelectronics L9969T Datasheet HTML 57Page - STMicroelectronics L9969T Datasheet HTML 58Page - STMicroelectronics L9969T Datasheet HTML 59Page - STMicroelectronics L9969T Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
4
Functional safety
The device is used for the control of actuators from the safety-relevant path, the classification implemented is ISO
26262 ASIL- B(D).
This is done in order to allow the system to guarantee that the vehicle can be led in a safe state in case of any
type of failure.
The IC development process has been carried out according to ISO 26262-5 ASIL B(D).
Figure 32. Block diagram of the H-bridge module
Figure 33. Block diagram of the H-bridge FS marking
L9969x
Functional safety
DS14029 - Rev 3
page 56/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70