| データシートサーチシステム |
|
LD56020M110R データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD56020M110R データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 23 page ![]() 2 Pin configuration Figure 2. Pin connection 1 2 3 5 4 VIN EN GND NC SOT23-5L (top view) Flip-chip 4 (marking view) VOUT Table 1. Pin description Symbol SOT23-5L Flip-Chip 4 Description VIN 1 A1 LDO Supply voltage VOUT 5 A2 LDO Output voltage GND 2 B2 Ground EN 3 B1 Enable input: set VEN = high to turn on the device; VEN = low to turn off the device. This pin is internally pulled down via a 1 MΩ resistor NC 4 - Not internally connected: can be connected to GND Exposed pad - - Must be connected to GND. LD56020 Pin configuration DS13164 - Rev 1 page 3/23 |