| データシートサーチシステム |
|
LIS2DUXS12 データシート(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DUXS12 データシート(HTML) 71 Page - STMicroelectronics |
|
71 / 104 page ![]() 10.11 FSM_INT2 (0Fh) INT2 pin control register (R/W) Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of the selected signals. Table 154. FSM_INT2 register INT2_FSM8 INT2_FSM7 INT2_FSM6 INT2_FSM5 INT2_FSM4 INT2_FSM3 INT2_FSM2 INT2_FSM1 Table 155. FSM_INT2 register description INT2_FSM8(1) Enables routing FSM8 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM7(1) Enables routing FSM7 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM6(1) Enables routing FSM6 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM5(1) Enables routing FSM5 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM4(1) Enables routing FSM4 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM3(1) Enables routing FSM3 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM2(1) Enables routing FSM2 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM1(1) Enables routing FSM1 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) 1. This bit is active if the INT2_EMB_FUNC bit of MD2_CFG (20h) is set to 1. LIS2DUXS12 FSM_INT2 (0Fh) DS14035 - Rev 2 page 71/104 |