データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX77542 データシート(PDF) 52 Page - Analog Devices

部品番号 MAX77542
部品情報  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

MAX77542 データシート(HTML) 52 Page - Analog Devices

Back Button MAX77542 Datasheet HTML 48Page - Analog Devices MAX77542 Datasheet HTML 49Page - Analog Devices MAX77542 Datasheet HTML 50Page - Analog Devices MAX77542 Datasheet HTML 51Page - Analog Devices MAX77542 Datasheet HTML 52Page - Analog Devices MAX77542 Datasheet HTML 53Page - Analog Devices MAX77542 Datasheet HTML 54Page - Analog Devices MAX77542 Datasheet HTML 55Page - Analog Devices MAX77542 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
NORMAL
NORMAL(1)
(1)
POK FAULT
POK FAULT(2)
(2)
(Mx_POK = 0)
(Mx_POK = 0)
SCP FAULT
SCP FAULT(3)
(3)
(Mx_POK = 0, Mx_SCFLT = 1)
(Mx_POK = 0, Mx_SCFLT = 1)
LX THREE-STATE IMMEDIATELY,
VOUT REGISTERS OF BUCKS
ARE RESET
tELAPSED < tPOK_TO
VOUTx ≥ 82% of TARGET
VOUTx < 20% OF TARGET
OR
OR tELAPSED ≥ tPOK_TO
VIO ≤ VIO_UVLO_F
VOUTx ≤ 78% OF TARGET
88))
1)
1) EACH BUCK HAS AN INDEPENDENT
FAULT STATE.
2)
2) IN POK FAULT STATE, THE
INDIVIDUAL BUCK OUTPUT CAN
STILL BE ENABLED OR DISABLED.
3)
3) SHORT-CIRCUIT FAULT EVENT
DISABLES ONLY BUCK IN FAULT
CONDITION AND RESETS VOUT
REGISTERS OF CORRESPONDING
BUCK.
4)
4) UVLO FAULT EVENT DISABLES ALL
BUCKS AND RESETS VOUT
REGISTERS OF ALL BUCKS.
5)
5) VIO FAULT EVENT DISABLES ALL
BUCKS AND RESETS VOUT
REGISTERS OF ALL BUCKS.
6)
6) OVER-TEMPERATURE FAULT
EVENT DISABLES ALL BUCKS AND
RESETS VOUT REGISTERS OF ALL
BUCKS.
7)
7) AFTER 500ms OF FORCED DISABLE
TIME, BUCK FAULT STATE IS
AUTOMATICALLY CLEARED WHEN
JUNCTION TEMPERATURE COOLS
DOWN TO +140°C, IF THE
AUTO_RSTRT BIT IS SET TO 1.
8)
8) ALL BUCK OUTPUTS MUST BE
DISABLED TO CLEAR TSHDN
FAULT, HOWEVER SCP FAULT IS
CLEARED WHEN THE
CORRESPONDING BUCK OUTPUT
IS DISABLED.
9)
9) TRANSITION IS PREVENTED
DURING SOFT-START AND SOFT-
STOP.
10)
10) IF VSYS DROPS BELOW POR
THRESHOLD (TYP 1.7V) OR VDD
SUPPLY IS NOT VALID (< 1.55V,
TYP), ALL FAULT STATE IS
CLEARED.
WAIT
WAIT(7)
(7)
FORCED DISABLED FOR 500ms
TSHDN FAULT
TSHDN FAULT(6)
(6)
(TSHDN = 1)
(TSHDN = 1)
LX THREE-STATE IMMEDIATELY,
VOUT REGISTERS OF ALL BUCKS
ARE RESET
VVIO
IO FAULT
FAULT(5)
(5)
(VIOFLT = 1)
(VIOFLT = 1)
LX THREE-STATE IMMEDIATELY,
VOUT REGISTERS OF ALL BUCKS
ARE RESET
TJ ≥ +165°C
TJ < +150°C AND
AND Mx_EN =
EN_Mx = FPS_Mx = 0
VIO > VIO_UVLO_R
AUTO_RSTRT = 0
LATCH OFF
LATCH OFF(8)
(8)
TJ < +150°C AND
AND
AUTO_RSTRT = 1
ANY STATE
ANY STATE
UVLO FAULT
UVLO FAULT(4)
(4)
(UVLO = 1)
(UVLO = 1)
LX THREE-STATE IMMEDIATELY,
VOUT REGISTERS OF ALL BUCKS
ARE RESET
VSYS > VUVLO_R
VSYS ≤ VUVLO_F
Figure 12. Fault-Protection State Diagram
Detailed Description—Multifunction I/Os
The MAX77542 has eight multifunction I/Os (MFIO1 through MFIO8) which can be configured as output enable, low-
power mode, forced-PWM mode, external clock detection, clock output, output-voltage selection, POK output, FPS input,
FPS output, system reset input, system reset output, thermal-warning output, GPIO, and ADC mux input. The default
functions of the MFIOs are selected by the RCFG1 (see the Device Configuration (CFGx) section for more information)
and they are individually selectable through the I2C interface. The I/O supply voltage (VIO) must be valid for the MFIOx
to operate in the GPO function with push-pull mode. Each MFIO has a set of interrupt, interrupt mask, and status bits.
When unmasked, the interrupt bit sets whenever activated input state toggles.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com